Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE52RC Datasheet(PDF) 75 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 75 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 71Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 72Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 73Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 74Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 75Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 76Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 77Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 78Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 79Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 165 page
background image
SWAP A
Function:
Swap nibbles within the Accumulator
Description:
SWAP A interchanges the low- and high-order nibbles (four-bit fields) of the Accumulator
(bits 3-0 and bits 7-4). The operation can also be thought of as a four-bit rotate instruction.
No flags are affected.
Example:
The Accumulator holds the value 0C5H (11000101B). The instruction,
SWAP
A
leaves the Accumulator holding the value 5CH (01011100B).
Bytes:
1
Cycles:
1
Encoding:
1 1 0 0
0 1 0 0
Operation:
SWAP
(A3-0)
(A7-4)
XCH
A, <byte>
Function:
Exchange Accumulator with byte variable
Description:
XCH loads the Accumulator with the contents of the indicated variable, at the same time
writing the original Accumulator contents to the indicated variable. The source/destination
operand can use register, direct, or register-indirect addressing.
Example:
R0 contains the address 20H. The Accumulator holds the value 3FH (00111111B). Internal
RAM location 20H holds the value 75H (01110101B). The instruction,
XCH
A, @R0
will leave RAM location 20H holding the values 3FH (00111111B) and 75H (01110101B) in
the accumulator.
XCH
A, Rn
Bytes:
1
Cycles:
1
Encoding:
1 1 0 0
1 r r r
Operation:
XCH
(A)
(Rn)
XCH A, direct
Bytes:
2
Cycles:
1
Encoding:
1 1 0 0
0 1 0 1
direct address
Operation:
XCH
(A)
(direct)
SUBB A, #data
Bytes:
2
Cycles:
1
Encoding:
1 0 0
1
0 1 0 0
immediate data
Operation:
SUBB
(A) ← (A) - (C) - #data
← (A) - (C) - #data
(A) - (C) - #data
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com