Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE52RC Datasheet(PDF) 8 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 8 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 4Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 5Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 6Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 7Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 8Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 9Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 10Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 11Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 12Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 165 page
background image
1.5 Pin Package Drawings
D1
D
1
11
12
22
23
33
44
34
b
e
0.05MAX
θ
0
L
L1
GATE PLANE
SEATING PLANE
SYMBOLS
MIN.
NOM
MAX.
A
-
-
1.60
A1
0.05
-
0.15
A2
1.35
1.40
1.45
c1
0.09
-
0.16
D
12.00
D1
10.00
E
12.00
E1
10.00
e
0.80
b(w/o plating)
0.25
0.30
0.35
L
0.45
0.60
0.75
L1
1.00REF
θ
0
0
0
3.5
0
7
0
1
VARIATIONS (ALL DIMENSIONS SHOWN IN MM
NOTES:
1.JEDEC OUTLINE:MS-026 BSB
2.DIMENSIONS D1 AND E1 D0 NOT
INCLUDE MOLD PROTRUSION.
ALLOWBLE PROTRUSION IS
0.25mm PER SIDE. D1 AND E1 ARE
MAXIMUM PLASTIC BODY SIZE
DIMENSIONS IMCLUDING MOLD
MISMATCH.
3.DIMENSION b DOES NOT INCLUDE
DAMBAR PROTRUSION.ALLOWBLE
DAMBAR PROTRUSION SHALL NOT
CAUSE THE LEAD WIDTH TO EXCEED
THE MAXIMUN b DIMNSION BY MORE
THAN 0.08mm.
LQFP-44 OUTLINE PACKAGE
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com