Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE52RC Datasheet(PDF) 102 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 102 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 98Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 99Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 100Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 101Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 102Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 103Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 104Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 105Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 106Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 165 page
background image
The following figure shows DCEN=1, which enables Timer 2 to count up or down. This mode allows pin T2EX
to control the counting direction. When a logic 1 is applied at pin T2EX, Timer 2 will count up. Timer 2 will
overflow at 0FFFFH and set the TF2 flag, which can then generate an interrupt if the interrupt is enabled. This
overflow also causes the 16-bit value in RCAP2L and RCAP2H to be reloaded into the timer registers TL2 and
TH2. A logic 0 applied to pin T2EX causes Timer 2 to count down. The timer will underflow when TL2 and TH2
become equal to the value stored in RCAP2L and RCAP2H. This underflow sets the TF2 flag and causes 0FFFFH
to be reloaded into the timer registers TL2 and TH2.
The external flag EXF2 toggles when Timer 2 underflows or overflows. This EXF2 bit can be used as a 17th bit
of resolution if needed. The EXF2 flag does not generate an interrupt in this mode.
Timer 2
Interrupt
SYSclk
TF2
control
C/T2=0
C/T2=1
T2 Pin
T2EX Pin
MCU in 12T mode
MCU in 6T mode
TL2
(8 Bits)
RCAP2L
Timer 2 in Auto-Reload Mode (DCEN=1)
÷12
÷6
TR2
TH2
(8 Bits)
RCAP2H
EXF2
FFH
FFH
Toggle
Count Direction
1=UP
0=DOWN
Overflow
Down Counting Reload Value
Up Counting Reload Value
Buad-Rate Generator Mode
Timer2 can be configured to generate various baud-rate. Bit TCLK and/or RCLK in T2CON allow the serial port
transmit and receive baud rates to be derived from either Timer1 or Timer2. When TCLK=0, Timer1 is used as
the serial port transmit baud rate generator. When TCLK=1, Timer2 is used as the serial port transmit baud rate
generator. RCLK has the same effect for the serial port baud rate. With these two bits, the serial port can have dif-
ferent receive and transmit baud rates – one generated from Timer 1 and the other from Timer 2.
In BRG mode, Timers is operated very like auto-reload up-only mode except that the T2EX pin cannot control re-
load. An overflow on Timer 2 will load RCAP2H, RCAP2L contents onto Timer2, but TF2 will not be set. A 1-to-0
transition on P2EX pin can set EXF2 to request interrupt service if EXEN2=1.
The following figure shows the Timer 2 in baud rate generation mode to generate RX Clock and TX Clock into
UART engine. The baud rate generation mode is like the auto-reload mode, in that a rollover in TH2 causes the
Timer 2 registers to be reloaded with the 16-bit value in registers RCAP2H and RCAP2L, which are preset by
software.
The baud rate in UART Mode 1 and Mode 3 are determined by Timer2’s overflow rate given below:
Baud Rate=
Timer 2 overflow rate
16
(counting T2EX)
The Timer can be configured for either "timer" or "counter" operation. In the most typical applications, it is
configured for "timer" operation(C/T2=0)."Timer" operation is a little different for Timer 2 when it's being used
as a baud rate generator. Normally, as timer it would increment every machine clcye(thus at 1/6 or 1/12 the
system clock).In that case the baud rate is given bu the formalu:
Baud Rate=
SYSclk
n×[65536 - (RCAP2H, RCAP2L)]
(as timer)
when MCU in 12T mode, n=32; When MCU in 6T mode, n=16.
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com