Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE52RC Datasheet(PDF) 118 Page - STCmicro Technology Co,.Ltd

Part # STC89LE52RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE52RC Datasheet(HTML) 118 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE52RC Datasheet HTML 114Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 115Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 116Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 117Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 118Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 119Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 120Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 121Page - STCmicro Technology Co,.Ltd STC89LE52RC Datasheet HTML 122Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 165 page
background image
9-Bit UART with Variable Baud Rate (Mode 3)
Mode 3, 9-bit UART with variable baud rate, is the same as mode 2 except the baud rate is variable.
Baud rate in mode 3 = (2
SMOD /32 ) x Timer 1overflow rate
or = (2
SMOD /16 ) x Timer 2 overflow rate
In all four modes, transmission is initiated by any instruction that use SBUF as a destination register. Reception
is initiated in mode 0 by the condition RI = 0 and REN = 1. Reception is initiated in the other modes by the
incoming start bit with 1-to-0 transition if REN=1.
8.2 Frame Error Detection
When used for frame error detect, the UART looks for missing stop bits in the communication. A missing bit in
stop bit will set the FE bit in the SCON register. The FE bit shares the SCON.7 bit with SM0 and the function of
SCON.7 is determined by PCON.6(SMOD0). If SMOD0 is set then SCON.7 functions as FE. SCON.7 functions
as SM0 when SMOD0 is cleared. When used as FE, SCON.7 can only be cleared by software.Refer to the
following figure.
8.3 Multiprocessor Communications
Modes 2 and 3 have a special provision for multiproceasor communications. In these modes 9 data bits are re-
ceived.The 9th one goes into RB8. Then comes a stop bit. The port can be programmed such that when the stop
bit is received,the serial port interrupt will be activated only if RB8 = 1. This feature is enabled by setting bit
SM2 in SCON. A way to use this feature in multiprocessor systems is as follows.
When the master processor wants to transmit a block of data to one of several slaves, it first sends out an address
byte which identifies the target slave.An address byte differs from a data byte in that the 9th bit is 1 in an address
byte and 0 in a data byte.With SM2 = 1, no slave will be interrupted by a data byte. An address byte, however,will
interrupt all slaves, so that each slave can examine the received byte and see if it is being addressed.The addressed
slave will clear its SM2 bit and prepare to receive the data bytes that will be coming. The slaves that weren’t be-
ing addressed leave their SM2s set and go on about their business, ignoring the coming data bytes.
SM2 has no effect in Mode 0,and in Mode 1 can be used to check the validity of the stop bit. In a Mode 1 recep-
tion, if SM2 = 1, the receive interrupt will not be activated unless a vatid stop bit is received.
D1
D0
D2
D3
D4
D5
D6
D7
START BIT
STOP BIT
D8
SM0/FE
SM1
SM2
REN
TB8
RB8
TI
RI
9-bit data
SET FE bit if STOP=0
SM0 to UART mode control
PCON.6/SMOD0
SCON
UART Frame Error Detection
1
0
118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com