Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 16 Page - STCmicro Technology Co,.Ltd

Part # STC89LE53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC Datasheet(HTML) 16 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 12Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 13Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 14Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 15Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 16Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 17Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 18Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 19Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 20Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 165 page
background image
main:
MOV
R3,
#0
;P1 LED increment mode changed
;start to run program
main_loop:
MOV
A,
R3
CPL
A
MOV
P1,
A
ACALL delay
INC
R3
MOV
A,
R3
SUBB
A,
#18H
JC
main_loop
MOV
P1,
#0FFH
;close all LED, MCU go into power-down mode
CLR
IT0
;low electrical level trigger external interrupt 0
;
SETB
IT0
;negative edge trigger external interrupt 0
SETB
EX0
;enable external interrupt 0
CLR
IT1
;low electrical level trigger external interrupt 1
;
SETB
IT1
;negative edge trigger external interrupt 1
SETB
EX1
;enable external interrupt 1
SETB
EA
;set the global enable
;if don't so, power-down mode cannot be wake up
;MCU will go into idle mode or power-down mode after the following instructions
MOV
PCON, #00000010B
;Set PD bit, power-down mode (PD = PCON.1)
;
NOP
;
NOP
;
NOP
;
MOV
PCON, #00000001B
;Set IDL bit, idle mode (IDL = PCON.0)
MOV
P1,
#0DFH
;1101,1111
NOP
NOP
NOP
WAIT1:
SJMP
WAIT1
;dynamically stop
END
2.2 RESET Control
In STC89xx series, there are 5 sources to generate internal reset. They are RESET pin, On-chip power-on-reset,
Watch-Dog-Timer, software reset, and On-chip MAX810 POR timing delay.
2.2.1 Reset pin
The RST pin, which is the input to Schmitt Trigger, is input pin for chip reset. A level change of
RESET pin have to keep at least 24 cycles plus 10us in order for CPU internal sampling use. When
this signal is brought high for at least two machine cycles plus 10 us, the internal registers are loaded
with appropriate values for an orderly system start-up. For normal operation, RST is low.
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com