Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 44 Page - STCmicro Technology Co,.Ltd

Part # STC89LE53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC Datasheet(HTML) 44 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 40Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 41Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 42Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 43Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 44Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 45Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 46Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 47Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 48Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 165 page
background image
ANL <dest-byte> , <src-byte>
Function:
Logical-AND for byte variables
Description:
ANL performs the bitwise logical-AND operation between the variables indicated and stores
the results in the destination variable. No flags are affected.
The two operands allow six addressing mode combinations. When the destination is the
Accumulator, the source can use register, direct, register-indirect, or immediate addressing;
when the destination is a direct address, the source can be the Accumulator or immediate
data.
Note: When this instruction is used to modify an output port, the value used as the original
port data will be read from the output data latch not the input pins.
Example:
If the Accumulator holds 0C3H(11000011B) and register 0 holds 55H (01010101B) then the
instruction,
ANL A,R0
will leave 41H (01000001B) in the Accumulator.
When the destination is a directly addressed byte, this instruction will clear combinations of
bits in any RAM location or hardware register. The mask byte determining the pattern of bits
to be cleared would either be a constant contained in the instruction or a value computed in
the Accumulator at run-time. The instruction,
ANL Pl, #01110011B
will clear bits 7, 3, and 2 of output port 1.
ANL A,Rn
Bytes:
1
Cycles:
1
Encoding:
0 1 0 1
1 r r r
Operation:
ANL
(A)←(A)
←(A)
(A)
(Rn)
ANL A,direct
Bytes:
2
Cycles:
1
Encoding:
0 1 0 1
0 1 0 1
direct address
Operation:
ANL
(A)←(A)
←(A)
(A)
(direct)
ANL A,@Ri
Bytes:
1
Cycles:
1
Encoding:
0 1 0 1
0 1 1 i
Operation:
ANL
(A)←(A)
←(A)
(A)
((Ri))
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com