Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 24 Page - STCmicro Technology Co,.Ltd

Part # STC89LE53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC Datasheet(HTML) 24 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 20Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 21Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 22Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 23Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 24Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 25Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 26Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 27Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 28Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 165 page
background image
AUXR register
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
-
-
-
-
-
-
EXTRAM ALEOFF
B7 ~ B3 : resevered.
EXTRAM : Internal/External RAM access
0
: For RD+ series, on-chip auxiliary RAM is enabled and located at the address 0x0000 to 0x03FF. And if
address over 0x03FF, off-chip external RAM becomes the target automatically.
For RC seires, on-chip auxiliary RAM is enabled and located at the address 00H to FFH. And if address
over FFH, off-chip external RAM becomes the target automatically.
1
: On-chip auxiliary RAM is always disabled.
ALEOFF : Disable/Enable ALE
0
: ALE is emitted at a constant rate of 1/3 the system clock in 6T mode, 1/6 SYSclk in 12T mode.
1
: ALE is active only during a MOVX or MOVC instruction.
AUXR1 register
bit
B7
B6
B5
B4
B3
B2
B1
B0
name
-
-
-
-
GF2
-
-
DPS
GF2 : General purpose user-defined Flag. It can be used by software.
DPS : DPTR registers select bit.
0 : DPTR0 is selected(Default).
1 : The secondary DPTR(DPTR 1) is switched to use.
External
RAM 63KB
Auxiliary RAM 1KB
0x0000
0x03FF
0x0400
0xFFFF
External
RAM 64KB
FFFFH
EXTRAM=0
EXTRAM=1
0000H
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com