Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 42 Page - STCmicro Technology Co,.Ltd

Part # STC89LE53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC Datasheet(HTML) 42 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 38Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 39Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 40Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 41Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 42Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 43Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 44Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 45Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 46Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 165 page
background image
ADD A,Rn
Bytes:
1
Cycles:
1
Encoding:
0 0 1 0
1 r r r
Operation:
ADD
(A)←(A) + (Rn)
←(A) + (Rn)
(A) + (Rn)
ADD A,direct
Bytes:
2
Cycles:
1
Encoding:
0 0 1 0
0 1 0 1
direct address
Operation:
ADD
(A)←(A) + (direct)
←(A) + (direct)
(A) + (direct)
ADD A,@Ri
Bytes:
1
Cycles:
1
Encoding:
0 0 1 0
0 1 1 i
Operation:
ADD
(A)←(A) + ((Ri))
←(A) + ((Ri))
(A) + ((Ri))
ADD A,#data
Bytes:
2
Cycles:
1
Encoding:
0 0 1 0
0 1 0 0
immediate data
Operation:
ADD
(A)←(A) + #data
←(A) + #data
(A) + #data
ADDC A,<src-byte>
Function:
Add with Carry
Description:
ADDC simultaneously adds the byte variable indicated, the Carry flag and the Accumulator,
leaving the result in the Accumulator. The carry and auxiliary-carry flags are set, respectively,
if there is a carry-out from bit 7 or bit 3, and cleared otherwise. When adding unsigned
integers, the carry flag indicates an overflow occured.
OV is set if there is a carry-out of bit 6 but not out of bit 7, or a carry-out of bit 7 but not
out of bit 6; otherwise OV is cleared. When adding signed integers, OV indicates a negative
number produced as the sum of two positive operands or a positive sum from two negative
operands.
Four source operand addressing modes are allowed: register, direct, register-indirect, or
immediate.
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com