Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 19 Page - STCmicro Technology Co,.Ltd

Part # STC89LE53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC Datasheet(HTML) 19 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 15Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 16Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 17Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 18Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 19Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 20Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 21Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 22Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 23Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 165 page
background image
The following example is a assembly language program that demostrates STC89xx Series MCU WDT.
;/*------------------------------------------------------------------*/
;/* --- STC MCU International Limited -------------------------------*/
;/* --- STC89xx Series MCU WDT Demo -----------------------*/
;/* If you want to use the program or the program referenced in the */
;/* article, please specify in which data and procedures from STC */
;/*------------------------------------------------------------------*/
; WDT overflow time = (N × Pre-scale × 32768) / SYSclk
;When MCU in 12T mode, N=12. When MCU in 6T mode, N=6
WDT_CONTR
EQU
0E1H
;WDT address
LED
EQU
P1.5
;WDT overflow time LED on P1.5
;The WDT overflow time may be measured by the LED light time
Pre_scale_Word
EQU
0x35
;Start up WDT, Pre-scale value is 64
;SYSclk=18.432, MCU in 12T mode ,WDT overflow time=(12 x 64 x 32768)/18432000 = 1.36 S
ORG
0000H
AJMP
MAIN
ORG
0100H
MAIN:
CLR
LED
;turn LED indicator on
ACALL Delay
;delay about 1s
MOV
WDT_CONTR,
#Pre_scale_Word ;Start up WDT
SETB
LED
;turn off LED
WAIT:
SJMP
WAIT
;wait WDT overflow reset
;LED will be turned on again after reset
Delay:
MOV
R0,
#0
MOV
R1,
#0
MOV
R2,
#15
Delay_Loop:
DJNZ
R0,
Delay_Loop
DJNZ
R1,
Delay_Loop
DJNZ
R2,
Delay_Loop
RET
END
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com