Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 32 Page - STCmicro Technology Co,.Ltd

Part # STC89LE53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC Datasheet(HTML) 32 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 28Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 29Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 30Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 31Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 32Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 33Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 34Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 35Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 36Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 165 page
background image
Symbol
Description
Address
Bit Address and Symbol
MSB
LSB
Value after
Power-on or
Reset
P0
Port 0
80H
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
1111 1111B
SP
Stack Pointer
81H
0000 0111B
DPTR
DPL
DPH
Data Pointer Low
82H
0000 0000B
Data Pointer High
83H
0000 0000B
PCON
Power Control
87H
SMOD SMOD0
-
POF
GF1
GF0
PD
IDL
00x1 0000B
TCON
Timer/Counter 0
and 1 Control
88H
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
0000 0000B
TMOD
Timer/Counter 0
and 1 Modes
89H
GATE
C/T
M1
M0
GATE
C/T
M1
M0
0000 0000B
TL0
Timer/Counter 0
Low Byte
8AH
0000 0000B
TL1
Timer/Counter 1
Low Byte
8BH
0000 0000B
TH0
Timer/Counter 0
High Byte
8CH
0000 0000B
TH1
Timer/Counter 1
High Byte
8DH
0000 0000B
AUXR
Auxiliary register 0
8EH
-
-
-
-
-
-
EXTRAM ALEOFF
xxxx xx00B
P1
Port 1
90H
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
1111 1111B
SCON
Serial Control
98H
SM0/FE SM1 SM2 REN
TB8
RB8
TI
RI
0000 0000B
SBUF
Serial Buffer
99H
xxxx xxxxB
P2
Port 2
A0H
P2.7
P2.6
P2.5
P2.4
P2.3
P2.2
P2.1
P2.0
1111 1111B
AUXR1
Auxiliary register1
A2H
-
-
-
-
GF2
-
-
DPS
0xxx 0xx0B
IE
Interrupt Enable
A8H
EA
-
ET2
ES
ET1
EX1
ET0
EX0
0000 0000B
SADDR
Slave Address
A9H
0000 0000B
P3
Port 3
B0H
P3.7
P3.6
P3.5
P3.4
P3.3
P3.2
P3.1
P3.0
1111 1111B
IPH
Interrupt Priority
High
B7H
PX3H
PX2H
PT2H
PSH PT1H PX1H PT0H
PX0H 0000 0000B
IP
Interrupt Priority
Low
B8H
--
PT2
PS
PT1
PX1
PT0
PX0
xx00 0000B
SADEN
Slave Address
Mask
B9H
0000 0000B
XICON
Auxiliary Interrupt
Control
C0H
PX3
EX3
IE3
IT3 PX2 EX2
IE2
IT2
0000 0000B
T2CON
Timer/Counter 2
Control
C8H
TF2 EXF2 RCLK TCLK EXEN2 TR2 C/T2
CP/RL2 0000 0000B
T2MOD
Timer/Counter 2
Mode
C9H
-
-
-
-
-
-
T2OE
DCEN xxxx xx00B
RCAP2L
Timer/Counter 2
Reload/Capture
Low Byte
CAH
0000 0000B
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com