Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 78 Page - STCmicro Technology Co,.Ltd

Part # STC89LE53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC Datasheet(HTML) 78 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 74Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 75Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 76Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 77Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 78Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 79Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 80Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 81Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 82Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 165 page
background image
There are 8 interrupt vector addresses available in STC89xx series. Associating with each interrupt vector, each
interrupt source can be individually enabled or disabled by setting or clearing a bit in the registers IE and XICON.
The register also contains a global disable bit(EA), which can be cleared to disable all interrupts at once.
Each interrupt source has two corresponding bits to represent its priority. One is located in SFR named IPH and
the other in IP or XICON register. Higher-priority interrupt will be not interrupted by lower-priority interrupt
request. If two interrupt requests of different priority levels are received simultaneously, the request of higher
priority is serviced. If interrupt requests of the same priority level are received simultaneously, an internal polling
sequence determine which request is serviced. The following table shows the internal polling sequence in the
same priority level and the interrupt vector address.
Chapter 6 Interrupt
Interrupt Source
Vector
address
Polling
Sequence
Interrupt
Priority setting
(IP/XICON,IPH)
Priority 0
(lowest)
Priority
1
Priority
2
Priority 3
(highest)
Interrupt
Request
Interrupt
Enable
Control Bit
/INT0
(External interrupt 0)
0003H 0(highest)
PX0H,PX0
0,0
0,1
1,0
1,1
IE0
EX0/EA
Timer 0
000BH
1
PT0H,PT0
0,0
0,1
1,0
1,1
TF0
ET0/EA
/INT1
(External interrupt 1)
0013H
2
PX1H,PX1
0,0
0,1
1,0
1,1
IE1
EX1/EA
Timer1
001BH
3
PT1H,PT1
0,0
0,1
1,0
1,1
TF1
ET1/EA
UART
(Serial Interface)
0023H
4
PSH,PS
0,0
0,1
1,0
1,1
RI+TI
ES/EA
Timer 2
002BH
5
PT2H,PT2
0,0
0,1
1,0
1,1
TF2+EXF2
ET2/EA
/INT2
0033H
6
PX2H,PX2
0,0
0,1
1,0
1,1
IE2
EX2/EA
/INT3
003BH 7(lowest)
PX3H,PX3
0,0
0,1
1,0
1,1
IE3
EX3/EA
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com