Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 37 Page - STCmicro Technology Co,.Ltd

Part # STC89LE53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC Datasheet(HTML) 37 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 33Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 34Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 35Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 36Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 37Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 38Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 39Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 40Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 41Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 165 page
background image
5.3 Instruction Set Summary
Mnemonic
Description
Byte
Execution clocks of
STC 12T MCU
Execution clocks of
STC 6T MCU
ARITHMETIC OPERATIONS
ADD
A, Rn
Add register to Accumulator
1
12
6
ADD
A, direct
Add ditect byte to Accumulator
2
12
6
ADD
A, @Ri
Add indirect RAM to Accumulator
1
12
6
ADD
A, #data
Add immediate data to Accumulator
2
12
6
ADDC A, Rn
Add register to Accumulator with Carry
1
12
6
ADDC A, direct
Add direct byte to Accumulator with Carry
2
12
6
ADDC A, @Ri
Add indirect RAM to Accumulator with Carry
1
12
6
ADDC A, #data
Add immediate data to Acc with Carry
2
12
6
SUBB
A, Rn
Subtract Register from Acc wih borrow
1
12
6
SUBB
A, direct
Subtract direct byte from Acc with borrow
2
12
6
SUBB
A, @Ri
Subtract indirect RAM from ACC with borrow
1
12
6
SUBB
A, #data
Substract immediate data from ACC with borrow
2
12
6
INC
A
Increment Accumulator
1
12
6
INC
Rn
Increment register
1
12
6
INC
direct
Increment direct byte
2
12
6
INC
@Ri
Increment direct RAM
1
12
6
DEC
A
Decrement Accumulator
1
12
6
DEC
Rn
Decrement Register
1
12
6
DEC
direct
Decrement direct byte
2
12
6
DEC
@Ri
Decrement indirect RAM
1
12
6
INC
DPTR
Increment Data Pointer
1
24
12
MUL
AB
Multiply A & B
1
48
24
DIV
AB
Divde A by B
1
48
24
DA
A
Decimal Adjust Accumulator
1
12
6
The STC MCU instructions are fully compatible with the standard 8051's,which are divided among five functional
groups:
Arithmetic
Logical
Data transfer
Boolean variable
Program branching
The following tables provides a quick reference chart showing all the 8051 instructions. Once you are familiar
with the instruction set, this chart should prove a handy and quick source of reference.
•
•
•
•
•
All arithmetic instructions execute one machine cycle except the INC DPTR instruction (two machine cycles)
and the MUL AB and DIV AB instructions (four machine cycles). Note that a machine cycle contains 12 clocks
and takes 1us if MCU is operating in 12T mode and from a 12MHz clock.While MCU is operating in 6T mode, a
machine cycle contains 6 clocks.
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com