Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STC89LE53RC Datasheet(PDF) 137 Page - STCmicro Technology Co,.Ltd

Part # STC89LE53RC
Description  Enhanced 80C51 Central Processing Unit ,6T or 12T per machine cycle
PDF  165 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STC [STCmicro Technology Co,.Ltd]
Direct Link  http://www.stcmicro.com/
Logo STC - STCmicro Technology Co,.Ltd

STC89LE53RC Datasheet(HTML) 137 Page - STCmicro Technology Co,.Ltd

Back Button STC89LE53RC Datasheet HTML 133Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 134Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 135Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 136Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 137Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 138Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 139Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 140Page - STCmicro Technology Co,.Ltd STC89LE53RC Datasheet HTML 141Page - STCmicro Technology Co,.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 165 page
background image
CONSTANT
EQU
100
MOV
A , #0FEH
ORL
40H , #CONSTANT
All immediate data operations (except MOV DPTR,#data) require eight bits of data. The immediate data are
evaluated as a 16-bit constant, and then the low-byte is used. All bits in the high-byte must be the same (00H or
FFH) or the error message "value will not fit in a byte" is generated. For example, the following instructions are
syntactically correct:
MOV
A , #0FF00H
MOV
A , #00FFH
But the following two instructions generate error messages:
MOV
A , #0FE00H
MOV
A , #01FFH
If signed decimal notation is used, constants from -256 to +255 may also be used. For example, the following
two instructions are equivalent (and syntactically correct):
MOV
A , #-256
MOV
A , #0FF00H
Both instructions above put 00H into accumulator A.
Data Address
Many instructions access memory locations using direct addressing and require an on-chip data memory address
(00H to 7FH) or an SFR address (80H to 0FFH) in the operand field. Predefined symbols may be used for the
SFR addresses. For example,
MOV
A , 45H
MOV
A , SBUF
;SAME AS MOV A, 99H
Bit Address
One of the most powerful features of the 8051 is the ability to access individual bits without the need for masking
operations on bytes. Instructions accessing bit-addressable locations must provide a bit address in internal data
memory (00h to 7FH) or a bit address in the SFRs (80H to 0FFH).
There are three ways to specify a bit address in an instruction: (a) explicitly by giving the address, (b) using
the dot operator between the byte address and the bit position, and (c) using a predefined assembler symbol. Some
examples follow.
SETB
0E7H
;EXPLICIT BIT ADDRESS
SETB
ACC.7
;DOT OPERATOR (SAME AS ABOVE)
JNB
TI , $
;"TI" IS A PRE-DEFINED SYMBOL
JNB
99H , $
;(SAME AS ABOVE)
Code Address
A code address is used in the operand field for jump instructions, including relative jumps (SJMP and conditional
jumps), absolute jumps and calls (ACALL, AJMP), and long jumps and calls (LJMP, LCALL).
The code address is usually given in the form of a label.
ASM51 will determine the correct code address and insert into the instruction the correct 8-bit signed offset,
11-bit page address, or 16-bit long address, as appropriate.
137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com