Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2269 Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HM2269
Description  Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HM2269 Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HM2269 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
HT2269
3/13
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
ABSOLUTE MAXIMUM RATINGS
Parameter
Value
VDD/VIN DC Supply Voltage
30 V
VDD Zener Clamp VoltageNote
VDD_Clamp+ 0.1V
VDD Clamp Continuous Current
10 mA
VFB Input Voltage
-0.3 to 7V
VSENSE Input Voltage to ense Pin
-0.3 to 7V
VRT Input Voltage to RT Pin
-0.3 to 7V
VRI Input Voltage to RI Pin
-0.3 to 7V
Min/Max Operating Junction Temperature TJ
-20 to 150 C
Min/Max Storage Temperature Tstg
-55 to 150 oC
Lead Temperature (Soldering,10secs)
260oC
Note: VDD_Clamp has a nominal value of 35V.
Stresses beyond those
listed under “absolute maximum ratings” may cause permanent damage to the device. These are
stress ratings only, functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating conditions” is not implied. Exposure to absolute maximum-rated conditions for extended
periods may affect device reliability.
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com