Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2269 Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HM2269
Description  Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HM2269 Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HM2269 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HT2269
1/13
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
GENERAL DESCRIPTION
HT2269 is a highly integrated current mode
PWM control IC optimized for high performance,
low standby power and cost effective offline flyback
converter applications.
PWM switching frequency at normal operation is
externally programmable and trimmed to tight range.
At no load or light load condition, the IC operates in
extended ‘burst mode’ to minimize switching loss.
Lower standby power and higher conversion
efficiency is thus achieved.
VDD low startup current and low operating
current contribute to a reliable power on startup
design with HT2269. A large value resistor could
thus be used in the startup circuit to minimize the
standby power.
The internal slope compensation improves
system large signal stability and reduces the
possible sub-harmonic oscillation at high PWM duty
cycle output. Leading-edge blanking on current
sense input removes the signal glitch due to
snubber circuit diode reverse recovery. This greatly
helps to reduce the external component count and
system cost in application.
HT2269 offers complete protection coverage
with automatic self-recovery feature including
Cycle-by-Cycle current limiting (OCP), over load
protection (OLP), over temperature protection
(OTP), VDD over voltage protection (OVP) and
under voltage lockout (UVLO). The Gate-drive
output is clamped at 18V to protect the power
MOSFET.
In HT2269, OCP threshold slope is internally
optimized to reach constant output power limit over
universal AC input range.
Excellent EMI performance is achieved
frequency shuffling technique together with soft
switching control at the totem pole gate drive output.
The tone energy at below 20KHZ is minimized
in operation. Consequently, audio noise erformance
is greatly improved. HT2269 is offered in both SOP-
8 and DIP-8 packages.
FEATURES
◆ Extended Burst Mode Control For Improved
Efficiency and Minimum Standby Power Design.
◆ Audio Noise Free Operation
◆ External Programmable PWM Switching
Frequency
◆ Internal Synchronized Slope Compensation
◆ Low VIN/VDD Startup Current(6.5uA) and Low
Operating Current (2.3mA)
◆ Leading Edge Blanking on Current Sense Input
◆ Complete Protection Coverage With Auto Self-
Recovery
◆ External Programmable Over Temperature
Protection (OTP)
◆ On-chip VDD OVP for System OVP Under
Voltage Lockout with Hysteresis (UVLO)
◆ Gate Output Maximum Voltage Clamp (18V)
◆ Line Compensated Cycle-by-Cycle Over-current
Threshold Setting For Constant Output Current
Limiting Over Universal Input Voltage Range
(OCP)
◆ Over Load Protection. (OLP)
APPLICATIONS
◆ Laptop Power Adaptor
◆ PC/TV/Set-Top Box Power
◆ Supplies Open-frame SMPS
◆ Battery Charge


Similar Part No. - HM2269

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM226 HMSEMI-HM226 Datasheet
430Kb / 5P
6-key touch detection IC
HM226A HMSEMI-HM226A Datasheet
531Kb / 7P
touch control ASIC supports 6-channel touch input
HM226NS HMSEMI-HM226NS Datasheet
581Kb / 7P
Six touch six output IC
HM226S HMSEMI-HM226S Datasheet
563Kb / 7P
Six touch six output IC
More results

Similar Description - HM2269

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57814 PHILIPS-NE57814 Datasheet
203Kb / 16P
DDR memory termination regulator with standby mode and enhanced efficiency
2003 Apr 03
logo
Toshiba Semiconductor
TA1307P TOSHIBA-TA1307P Datasheet
124Kb / 12P
Integrated Circuit For Standby Power-Supply Control
logo
Panasonic Semiconductor
LC-RA1212 PANASONIC-LC-RA1212 Datasheet
62Kb / 1P
For main and standby power supplies.
logo
Advanced Monolithic Sys...
AMS2263 AMS-AMS2263 Datasheet
776Kb / 12P
Extended Burst Mode Control For Improved
logo
Infineon Technologies A...
ICE2QS03G INFINEON-ICE2QS03G_14 Datasheet
1Mb / 24P
Active burst mode for low standby power
V2.3, 2014-03-06
logo
List of Unclassifed Man...
034B ETC2-034B Datasheet
325Kb / 2P
Compact design for minimum visual impact
logo
Rohm
BM1R00001F-E2 ROHM-BM1R00001F-E2 Datasheet
2Mb / 26P
High Efficiency and Low Standby Power CCM corresponding
logo
Hotchip Technology Co.,...
HT2273 HOTCHIP-HT2273 Datasheet
1Mb / 10P
Burst Mode Control
logo
Panasonic Battery Group
LC-R064R2P PANASONICBATTERY-LC-R064R2P Datasheet
39Kb / 1P
For main and standby power supplies
LC-R127R2PG1 PANASONICBATTERY-LC-R127R2PG1 Datasheet
1Mb / 2P
for main and standby power supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com