Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2269 Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HM2269
Description  Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HM2269 Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HM2269 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HT2269
2/13
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
TYPICAL APPLICATION
INV
VIN
RT
FB
VDD
SENSE
RI
GND GATE
EMI
Filter
AC IN
DC Out
PIN CONFIGURATION
Pin Name
Pin Num
Description
GND
1
Ground
FB
2
Feedback input pin. PWM duty cycle is determined by
voltage level into this pin and current-sense signal level
at Pin 6.
VIN
3
Connected through a large value resistor to rectified
line input for Startup IC supply and line voltage sensing.
RI
4
Internal Oscillator frequency setting pin. A resistor
connected between RI and GND sets the PWM
frequency.
RT
5
Temperature sensing input pin. Connected through a
NTC resistor to GND.
SENSE
6
Current sense input pin. Connected to MOSFET current
sensing resistor node.
VDD
7
DC power supply pin.
GATE
8
Totem-pole gate drive output for power MOSFET.
PACKAGE DISSIPATION RATING
Package
RθJA (°C/W)
DIP8
90
SOP8
150
1
2
3
4
5
6
7
8
GND
FB
VIN
RI
RT
SENSE
VDD
GATE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com