Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2269 Datasheet(PDF) 4 Page - Hotchip Technology Co.,Ltd

Part # HM2269
Description  Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HM2269 Datasheet(HTML) 4 Page - Hotchip Technology Co.,Ltd

  HM2269 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
HT2269
4/13
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
RECOMMENDED OPERATING CONDITION
Symbol
Parameter
Min
Max
Unit
VDD
VDD Supply Voltage
12
23
V
RI
RI Resistor Value
24
31
Kohm
TA
Operating Ambient Temperature
-20
85
C
ESD INFORMATION
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
HBM
Human Body Model on All Pins
Except VIN and VDD
MIL-STD
3
KV
MM
Machine Model on All Pins
JEDEC-STD
250
V
Note: HBM all pins pass 3KV except High Voltage Input pin. The details are VIN passes 1kV, VDD passes 1.5KV, all other I/Os pass 3KV. In
system application, High Voltage Input pin is either a high impedance input or connected to a cap. The lower rating has minim um impacts on
system ESD performance.
ELECTRICAL CHARACTERISTICS(TA = 25℃, VDD=16V, RI=24Kohm if not otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Supply Voltage (VDD)
I_VDD_Startup
VDD Start up
Current
VDD =15V,
Measurecurrent
into VDD
6.5
20
uA
I_VDD_Operation
Operation Current
VFB=3V
2.3
mA
UVLO(Enter)
VDD Under Voltage
Lockout Enter
9.5
10.5
11.5
V
UVLO(Exit)
VDD Under Voltage
Lockout Exit
(Startup)
16
17
18
V
OVP(ON)*Optional
VDD Over Voltage
Protection Enter
23.5
25
26.5
V
OVP(OFF)*Optional
VDD Over Voltage
Protection Exit
(Recovery)
21.5
23.2
24.7
V
OVP_Hys*Optional
OVP Hysteresis
OVP(ON)-
OVP(OFF)
2
V
TD_OVP
VDD OVP
Debounce time
80
uSec
VDD_Clamp
VDD Zener Clamp
Voltage
I(VDD ) =5mA
36
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com