Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2269 Datasheet(PDF) 11 Page - Hotchip Technology Co.,Ltd

Part # HM2269
Description  Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HM2269 Datasheet(HTML) 11 Page - Hotchip Technology Co.,Ltd

Back Button HM2269 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 11Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 12Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 13Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
HT2269
11/13
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
Package Information
Symbol
Dimensions In Milimeters
Dimensions In Inches
Min
Typ.
Max
Min
Typ.
Max
A
1.346
1.752
0.053
0.069
A1
0.101
0.254
0.004
0.010
b
0.406
0.016
c
0.203
0.008
D
4.648
4.978
0.183
0.196
E
3.810
3.987
0.150
0.157
e
1.016
1.270
1.524
0.040
0.050
0.060
F
0.381*45°
0.015*45°
H
5.791
6.197
0.228
0.244
L
0.406
1.270
0.016
0.050
θ°
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com