Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2269 Datasheet(PDF) 8 Page - Hotchip Technology Co.,Ltd

Part # HM2269
Description  Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HM2269 Datasheet(HTML) 8 Page - Hotchip Technology Co.,Ltd

Back Button HM2269 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 11Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 12Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
HT2269
8/13
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
OPERATION DESCRIPTION
Startup Current and Start up Control
Startup current of HT2269 is designed to be very
low so that VDD could be charged up above
UVLO(exit) threshold level and device starts up
quickly. A large value startup resistor can herefore
be used to minimize the power loss yet reliable
startup in application. For a typical AC/DC adaptor
with universal input range design, a 2 MΩ, 1/8 W
startup resistor could be used together with a
VDD capacitor to provide a fast startup and yet
low power dissipation design solution.
Operating Current
The Operating current of HT2269 is low at 2.3mA.
Good efficiency is achieved with B2269C low
operating current together with extended burst
mode control schemes
Frequency shuffling for EMI
improvement
The frequency Shuffling/jittering (switching
frequency modulation) is implemented in HT2269.
The oscillation frequency is modulated with a
internally generated random source so that the
tone energy is evenly spread out. The spread
spectrum minimizes the conduction band EMI and
therefore eases the system design in meeting
stringent EMI requirement.
Burst Mode Operation
At zero load or light load condition, most of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com