Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2269 Datasheet(PDF) 10 Page - Hotchip Technology Co.,Ltd

Part # HM2269
Description  Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HM2269 Datasheet(HTML) 10 Page - Hotchip Technology Co.,Ltd

Back Button HM2269 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 10Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 11Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 12Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 13Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
HT2269
10/13
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
OTP circuit is triggered and shutdown the
MOSFET when the sensed input voltage is lower
than VTH_OTP.
Gate Drive
HT2269 Gate is connected to the Gate of an
external MOSFET for power switch control. Too
weak the gate drive strength results in higher
conduction and switch loss of MOSFET while too
strong gate drive output compromises the EMI.
Good tradeoff is achieved through the built-in
totem pole gate drive design with right output
strength and dead time control. The low idle loss
and good EMI system design is easier to achieve
with this dedicated control scheme. An internal
18V clamp is added for MOSFET gate protection
at higher than expected VDD input.
Protection Controls
Good system reliability is achieved with
HT2269’s rich protection features including Cycle-
by-Cycle current limiting (OCP), Over Load
Protection (OLP), over temperature protection
(OTP), on-chip VDD over voltage protection (OVP,
optional) and under voltage lockout (UVLO).The
OCP threshold value is self adjusted lower at
higher current into VIN pin. This OCP threshold
slope adjustment helps to compensate the
increased output power limit at higher AC voltage
caused by inherent Over-Current sensing and
control delay. A constant output power limit is
achieved with recommended OCP compensation
scheme on HT2269.
At output overload condition, FB voltage is
biased higher. When FB input exceeds power limit
threshold value for more than 80mS, control
circuit reacts to turnoff the power MOSFET.
Similarly, control circuit shutdowns the power
MOSFET when an Over Temperature condition is
detected. HT2269 resumes the operation when
temperature drops below the hysteresis value.
VDD is supplied with transformer auxiliary
winding output. It is clamped when VDD is higher
than 35V. MOSFET is shut down when VDD
drops below UVLO(enter) limit and device enters
power on startup sequence thereafter.
ESD protection measures
The MOS circuits are electrostatic sensitive
devices, they need to take the following
precautions in the production and transport to
effectively prevent damages to the MOS circuits
due to the electrostatic discharge:
1.The operator must touchdown by the anti-static
hand strap;
2.The housing of production equipments must be
grounded;
3.The tools used during the assembly must be
grounded;
4.Packaging or transport must be packed by
conductive or antistatic packaging materials.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com