Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2269 Datasheet(PDF) 5 Page - Hotchip Technology Co.,Ltd

Part # HM2269
Description  Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HM2269 Datasheet(HTML) 5 Page - Hotchip Technology Co.,Ltd

  HM2269 Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HM2269 Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
HT2269
5/13
Current Mode PWM Controller
www.hotchip.com.cn
Ver1.0
Feedback Input Section(FB Pin)
AVCS
PWM Input Gain
△VFB /△Vcs
2.6
V/V
VFB_Open
VFB Open Voltage
6
V
IFB_Short
FB pin short circuit
current
Short FB pin to
GND,
measure current
0.8
mA
VTH_0D
Zero Duty Cycle FB
Threshold Voltage
0.95
V
VTH_BM
Burst Mode FB
Threshold Voltage
1.7
V
VTH_PL
Power Limiting FB
Threshold Voltage
4.4
V
TD_PL
Power limiting
Debounce Time
80
mSec
ZFB_IN
Input Impedance
7.5
Kohm
Current Sense Input(Sense Pin)
T_blanking
Sense Input Leading
Edge Blanking Time
300
nS
ZSENSE_IN
Sense Input
Impedance
39
Kohm
TD_OC
Over Current
Detection and
Control Delay
CL=1nf at
GATE,
120
nSec
VTH_OC_0
Current Limiting
Threshold at No
Compensation
I(VIN) = 0uA
0.9
0.95
V
VTH_OC_1
Current Limiting
Threshold at
Compensation
I(VIN) = 150uA
0.81
V
Oscillator
FOSC
Normal Oscillation
Frequency
60
65
70
KHZ
∆f_Temp
Frequency
Temperature
Stability
-20℃ to 100℃
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com