Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3402S Datasheet(PDF) 3 Page - Hotchip Technology Co.,Ltd

Part # HT3402S
Description  Wide Input Supply Range: 10V to 40V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3402S Datasheet(HTML) 3 Page - Hotchip Technology Co.,Ltd

  HT3402S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HT3402S
3/11
40V/2A Constant Voltage & Constant Current Buck Converter IC
www.hotchip.com.cn
Ver1.1
Cable Resistance Compensation
The longer cable of car charger reduces output voltage. Add voltage compensation function will
increase the output voltage and make the output of cable is remained to be the design value. An
external resistor will be connected to the VCABLE pin to match the immanent resistor of cable. In the
cable compensation circuit, the voltage of the VCABLE pin will be raised as the load current increase;
the reference voltage of voltage loop will be raised to an appropriate value, and finished the
compensation function. If there is no load, no compensation resistors or output current is zero,
the
output voltage will not rise. Set VCABLE pin in floating state to turn off this function off. Selection of
external compensation resistor is based on the equivalent resistance of cable. Compensating voltage
can be determined by equation:
sen
out
cable
cable
R
I
R
K
V
2000
Over Voltage protection
When the output voltage of HT3402S is 10% higher than the targeting voltage, the PMOS will be turned off.
Thermal Shutdown (OTP)
An internal thermal loop can monitor internal junction temperature rigorously. If the temperature surpasses a
preset value of approximately 120℃, HT3402S stops output
Short- circuit protection
At the beginning of enable HT3402S, system charges the load
for about 100ms. If the short circuit
protection module detect the output voltage is fallen down to 1.5V, it sends a single to Logic Circuit to
turn off IC. When shor-t circuit happens, a current of about 2 mA will charge the load.
If the short circuit state is aligned, charge voltage will raise above 1.5V and being detected,
system is
resumed to normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com