Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3402S Datasheet(PDF) 5 Page - Hotchip Technology Co.,Ltd

Part # HT3402S
Description  Wide Input Supply Range: 10V to 40V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3402S Datasheet(HTML) 5 Page - Hotchip Technology Co.,Ltd

  HT3402S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HT3402S
5/11
40V/2A Constant Voltage & Constant Current Buck Converter IC
www.hotchip.com.cn
Ver1.1
Load Current Limit Programming
The constant current ICHG is controlled by a sensing resistor connected between Inductor and Output.
The Voltage- drop of the sensing resistor (RSEN) is internally regulated to 30mV, which sets the current
flowing through RSEN. For better accuracy, a 2% or more accurate Resistor is recommended. Table 1
shows several typical 1% RSEN values:
Table 1
ICHG(mA)
RSEN(mΩ)
2000
15
1000
30
For other constant current values, RSEN can be determined by the following equation
:
:
out
sen
I
R
03
.
0
Pin Configuration
Name
Pin #
Function Description
VIN
1
Power Supply Input
VCABLE
2
Connect a suitable resistor to the compensation voltage and
improve the output power which the cable wasted.
Set this pin sets float to turn off cable compensation function.
SEN
3
Output Voltage feedback
VOUT
4
Output power supply to back- end devices.Note1
GND
5
Ground of IC
GND
6
Ground of IC
SW
7
SW Output.
SW
8
SW Output.
Note1: VOUT can be programmed to compensate the drop- out voltage from longer cable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com