Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3402S Datasheet(PDF) 11 Page - Hotchip Technology Co.,Ltd

Part # HT3402S
Description  Wide Input Supply Range: 10V to 40V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3402S Datasheet(HTML) 11 Page - Hotchip Technology Co.,Ltd

Back Button HT3402S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 10Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 11Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HT3402S
11/11
40V/2A Constant Voltage & Constant Current Buck Converter IC
www.hotchip.com.cn
Ver1.1
Packing And Ordering Info.
Package
Top Marking
Device Name
SOP-8
HT3402S
HT3402S- BA
HOTCHIP
HT3402S
XXXXX
LOGO
Product Type
Date code
IMPORTANT NOTICE
HOTCHIP reserves the right to alter its products without prior notification. For the most up-to-date information,
please visit our web site at http://www.hotchip.com.cn.
HOTCHIP assumes no liability for the issues about the industrial standard, licenses and the right of the third
party caused by the electric circuit and chart. The schematic is just for typical application, is not for the
specialized mass production application.
The export authorization from government is needed when the product or its derivative product do not agree
with the Wassenaar Arrangement or other international agreement.
Any copy of these information without our permission to print for other uses is forbidden.
HOTCHIP’s products are not authorized for use as critical components in life support devices or systems, such as
motion machine, medical machine, security system, gas equipment, airplane or any other conveyance.
HOTCHIP cannot avoid fault or losing efficacy, though we will do the best to improve the quality and reliability.
The customers use the products should go through the security design, such as the redundant design, fire
protection design, failure protection about the secondary disasters, fire or other related damage.
HOTCHIP will continuously provide better products for the customers by all our heart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com