Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3402S Datasheet(PDF) 1 Page - Hotchip Technology Co.,Ltd

Part # HT3402S
Description  Wide Input Supply Range: 10V to 40V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3402S Datasheet(HTML) 1 Page - Hotchip Technology Co.,Ltd

  HT3402S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
HT3402S
1/11
40V/2A Constant Voltage & Constant Current Buck Converter IC
www.hotchip.com.cn
Ver1.1
General Description
The HT3402S is a constant current, constant
voltage power supply converter, which utilizes
a voltage
mode,
a current mode circuit, and
pulse
width
modulation
(PWM)
switching
regulator control circuit
An external sense resistor will set the charge
current.
An
internal
resistor
divider
and
precision reference
set
the
final
float
voltage
to 5.1V
with ± 3% accuracy. With
a 150 KHz switching frequency, HT3402S can
provide
a
simple
solution
against
EMI.
High efficiency up to 90% can also diminish
heat significantly on all related components.
The HT3402S also possesses over-voltage
protect, over-thermal protect, and short- circuit
protect function. At the beginning of the
charge, the over- current circuit will limit the
charge current not too high.
The HT3402S is available in a 8- pin SOP8
package
Features
Wide Input Supply Range: 10V to 40V
±3% Charge Voltage Accuracy;
High Efficiency Current Mode PWM
Control with 150KHz Switching Frequency
Constant Switching Frequency for
Minimum Noise
Cable compensation function
Automatic Battery Recharge
Automatic Shutdown When Input Supply
Removed
Available in a 8-pin SOP8 package
Applications
SMPS
Charger
Portable Computers
Handheld Instruments
5.1V Output
INput
C1
47uF/50V
C2
470uF/10V
C3
0.1uF/50V
Rvc
Rsen
Rsen=0.03/Iout
L1
47uH
D1
SS34
VIN
VC
VSEN
VOUT
GND
GND
SW
SW
U1
HT3402
1
2
3
4
8
7
6
5
Typical Application Circuitry


Similar Part No. - HT3402S

ManufacturerPart #DatasheetDescription
logo
Applied Motion Products...
HT34-474 AMP-HT34-474 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
HT34-474 AMP-HT34-474 Datasheet
75Kb / 4P
7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC
HT34-476 AMP-HT34-476 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
HT34-476 AMP-HT34-476 Datasheet
75Kb / 4P
7080i Programmable Step Motor Indexer/Drive Microstepping 7.0 amps, 80 VDC
HT34-478 AMP-HT34-478 Datasheet
74Kb / 4P
7080 Step Motor Drive Microstepping 7.0 amps, 80 VDC
More results

Similar Description - HT3402S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
MAX5X02EVKIT MAXIM-MAX5X02EVKIT Datasheet
799Kb / 16P
2.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5394MEVKIT MAXIM-MAX5394MEVKIT Datasheet
1Mb / 12P
1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
MAX5395LEVKIT MAXIM-MAX5395LEVKIT Datasheet
733Kb / 12P
1.7V to 5.5V Wide Input Supply Range
Rev 0; 5/13
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
Wide input voltage range 4.5V to 40V
logo
Maxim Integrated Produc...
MAX17245EVKIT MAXIM-MAX17245EVKIT Datasheet
2Mb / 13P
Wide 6V to 36V Input Supply Range
Rev 0; 3/16
MAX17231EVKIT MAXIM-MAX17231EVKIT Datasheet
1,021Kb / 11P
3.5V to 36V Wide Input Supply Range
Rev 0; 5/17
MAX17498BBEVKIT MAXIM-MAX17498BBEVKIT_V01 Datasheet
1Mb / 6P
4.5V to 10V Input Range
2013
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
Wide 4.5V to 40V Input Voltage Range
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
Wide 4.5V to 40V Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com