Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3402S Datasheet(PDF) 6 Page - Hotchip Technology Co.,Ltd

Part # HT3402S
Description  Wide Input Supply Range: 10V to 40V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3402S Datasheet(HTML) 6 Page - Hotchip Technology Co.,Ltd

Back Button HT3402S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 10Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
HT3402S
6/11
40V/2A Constant Voltage & Constant Current Buck Converter IC
www.hotchip.com.cn
Ver1.1
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Supply Voltage
VIN
10
40
V
Operating Temperature Range
TOPR
-20
85
°C
Storage Temperature Range
TSTG
-20
150
°C
Junction Temperature
θJA
---
125
°C
Lead Temperature (Soldering, 10s)
TLTG
---
260
°C
Electrical Characteristics
(Circuit of Figure 1,TA = 25° C, VIN=12V, VOUT=5.1V, unless otherwise noted.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Power Supply Input Voltage
-
10
-
40
V
VOUT
Output Voltage
-
4.95
5.1
5.25
V
ICHG
Constant Current Mode Charge
Current
RSEN=15mΩ
2.0
2.40
2.8
A
RSEN=30mΩ
1.0
1.20
1.40
A
IQ
Quiescent current
No load
-
-
220
μA
VRIPPLE
Output Ripple Voltage
ILOAD=1A
50
-
80
mV
TON
The time of output voltage up to VOUT
VOUT=5.1V
6
10
12
mS
F
Frequency
ILOAD=0.5A
120
150
180
KHz
VSHORT
Short Circuit threshold
-
1.0
1.5
1.8
V
Recover Short Circuit threshold
-
1.5
1.8
2.0
V
ISHORT
Short Circuit Current
When short- circuit
appears
1.5
2
3
mA
VCABLE
Cable compensation voltage
VCABLE=
2000k x Iload x Rsen
R CABLE
-
-
1000
mV
TPRO
Over temperature threshold
-
130
140
150
℃
TRE
Release threshold from over temperature
-
110
120
130
℃
Typical Operating Characteristics
(Circuit of Figure 1,TA = 25° C, VIN=12V, VOUT=5.1V, unless other specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com