Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3402S Datasheet(PDF) 2 Page - Hotchip Technology Co.,Ltd

Part # HT3402S
Description  Wide Input Supply Range: 10V to 40V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3402S Datasheet(HTML) 2 Page - Hotchip Technology Co.,Ltd

  HT3402S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HT3402S
2/11
40V/2A Constant Voltage & Constant Current Buck Converter IC
www.hotchip.com.cn
Ver1.1
Application Circuit
Operation
General Introduction
HT3402S utilizes a constant current and constant voltage circuit to manage charging current by an
external sensing Resistor via Pins of SEN and VOUT . The preset Output Voltage is internally built
@ 5.1V, with internal amplifier and resistor divider to ensure <±3% regulation accuracy.
Automatic Start- Up
When a > 4V signal being inputted and sensed by HT3402S, it starts up automatically.
CC and CV Circuitry
In regular operation, the constant current charge loop starts- up at first, and will be taken over by the
constant voltage loop when the output voltage is higher than preset value of 5V. In the constant current
loop, the average current of inductor is set to be followed the external Sensing Resistor. This constant
current function is well controlled by an Error- amplifier, I-EA, and which ensures current accuracy
range within 5%. In voltage loop, system regulates SEN voltage by switching at a fixed frequency
transferring power to Load in each cycle by adopting a slope circuit, and Voltage mode PWM Controlled
A simplified function diagram of charge current and charge voltage is shown as:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com