Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3402S Datasheet(PDF) 4 Page - Hotchip Technology Co.,Ltd

Part # HT3402S
Description  Wide Input Supply Range: 10V to 40V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3402S Datasheet(HTML) 4 Page - Hotchip Technology Co.,Ltd

  HT3402S Datasheet HTML 1Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 2Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 9Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HT3402S
4/11
40V/2A Constant Voltage & Constant Current Buck Converter IC
www.hotchip.com.cn
Ver1.1
Over Current Protection
HT3402S has an internal over-current protection circuit that limits the inrush current during start-up. At
the beginning of the start-up, the over-current protection circuit will detect the current, if it’s too high to
exceed the safe value, the PMOS will be turn-off. But when output is rise to the design voltage, the
protect function will not active anymore. The I-EA will replace the function to limiting the current.
Application Information
The basic application circuit of HT3402S is shown in Figure 1. External components selection is
depend on load requirement, and begin with the selection of inductor followed by capacitor
Inductor Selection
For most application, HT3402S operates well with inductors of 100uH, the inductor is selected to limit
the ripple current with some predetermined value, typically 20~40% of the full load current at the
maximum input voltage. The equation of
inductance is as below: below:
The DC current rating of the inductor should be at least equal to the maximum load current plus half of
the ripple current to prevent core saturation. For example△IL=1000mA×40%=400mA, thus, a 1400mA
rated inductor should be enough for most application(1000mA+400mA). For better efficiency, choose a
low DCR inductor.
Input Capacitor Selection
The input capacitor reduces surge current drawn from input and switching noise from the device. Input
capacitor impedance at the switching frequency shall be less than input s ource impedance to prevent
high frequency switching current passing to the input. A low ESR i nput capacitor sized for max. RMS
current must be used. A 100uF ceramic capacitor for most application is sufficient and recommended.
Output Capacitor Selection
The output capacitor is required to keep the output voltage ripple small and to stabilize regulation loop .
It must have low impedance at the switching frequency. Ceramic capacitors with X5R or X7R dielectrics
are recommended due to their low ESR and high ripple current. The output ripple VOUT is determined
by below equation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com