Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT3402S Datasheet(PDF) 8 Page - Hotchip Technology Co.,Ltd

Part # HT3402S
Description  Wide Input Supply Range: 10V to 40V
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

HT3402S Datasheet(HTML) 8 Page - Hotchip Technology Co.,Ltd

Back Button HT3402S Datasheet HTML 3Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 4Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 5Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 6Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 7Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 8Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 9Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 10Page - Hotchip Technology Co.,Ltd HT3402S Datasheet HTML 11Page - Hotchip Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HT3402S
8/11
40V/2A Constant Voltage & Constant Current Buck Converter IC
www.hotchip.com.cn
Ver1.1
Cable compensation vs Load Current
Quiescent current vs Input Voltage
Load Current[mA]
Input Voltage[V]
Layout Notice
C3 is adopted for filtering high Freq. noise, should be set as close as it can be to Pin #1 of U1, <1mm is
recommended; C1 is however with consideration of its size to be installed a bit distant. Input power flows
thru. C1 and then C3 to U1.
D1 generates higher heat and composes a loop with L1 and C2, it is suggested to arrange these three
components as close as possible, and keep distant from U1 with at least 10mm to avoid heat to trigger OTP
function on U1
Sensing Resistor connects to Pin # 3 and # 4 of U1, and routing must compose Kelvin Method between
anode of C1 and USB output so that sample being sensed is directly from both sides of Rsen, and avoid
from other resistance coming from other PCB route.
Current must flow from L1 to anode of C2, and connect to one node of Rsen, then flown out from the other
node to USB directly. If current flows inappropriately, sampling/ sensing resistance might increase and result
in lower output current.
Pin # 1/ 5/ 6/ 7/ 8 of U1 on PCB is recommended to manipulated with larger area of bare copper and a bit
thicker tin paste spread on this area can also help for better heat dissipation. This action can also apply to
both soldering pads of D1.
USB port on PCB can be managed on D+/ D- anodes with designated resistors if necessary to fit in with
Apple handsets, while in most occasions, put them short- CKT will also do.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com