Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5908 Datasheet(PDF) 4 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 4 Page - Fortune Semiconductor Corp.

  FS5908 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
FS5908
Rev. 1.2
4/22
4.
Ordering Information
FS5908
FS5908-P:
Lead Free
5.
Pin Configurations
1
2
3
4
8
7
6
5
A0
SCL
CS
VSS
SDA
ALARM
VDD
NC
6.
Pin Description
Pin
Name
Function
1
A0
The address lines of the chip controlled via I2C interface are A6, A5, A4, A3, A2, A1 and A0. A0 is
controlled by external pins. A6 ~ A1 can be setup by programming the PROM in the chip. When A0 is 0,
A6 ~ A1 is 100100. When A0 is 1, A6 ~ A1 ← PROM9<7:2>
2
SCL
Signal Clock Line of I2C Serial Transmission
3
CS
Chip Select (the chip is enabled when set to high)
4
VSS
Chip Negative Power Source Input Pin (0V)
5
NC
When in the normal operation, it connects to ground.
6
VDD
Chip Positive Power Source Input Pin (2.5V~5.5V)
7
ALARM
Overheat (Overcool) Warning Output Pin; Open-drain Output
8
SDA
Double Directions Data Transmission Line of I2C Serial Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com