Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5908 Datasheet(PDF) 17 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 17 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 21Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
FS5908
Rev. 1.2
17/22
14.4 Default Status
When power on or CS is produced, FS5908 will enter default operation mode. For its status, please refer to the
diagram on Page11.
Initial States:
1.
Pointer default: 00h
2.
Control register default: 00h
3.
The corresponding location of OTPX<7:0> and PROM1~PROM9:
OTP1<7:0> ← PROM1<7:0>
OTP2<7:0> ← PROM2<7:0>
OTP3<7:0> ← PROM3<7:0>
OTP4<7:0> ← PROM4<7:0>
OTP5<7:0> ← PROM5<7:0>
4.
TLowLim<10:0> ← {PROM8<7:5>, PROM6<7:0>}
5.
TUpLim<10:0> ← {PROM8<4:2>, PROM7<7:0>}
6.
OTP9<7:0> ← PROM9<7:0>
7.
The upper and lower bound setup will load in the upper and lower bound register when power reset or CS
reset.
8.
Default value means the values resource and status of the corresponding register during power reset or
CS reset.
9.
PROM8<0> is close bit. When it is programmed as High (logic 1), no any programming action can be
done to PROM again.
10.
PROM9<1> is addlock bit. When it is programmed as High (logic1), I2C address is {PROM9<7:2>, A0},
or I2C address is {100100,A0}
FS5908 can be connected to independent thermoregulator without via I2C interface control so that all of the
registers of FS5908 will enter the default status.
14.5 Test Register (Pointer=04h, Pointer=05h, Readable and Writable)
Reg4<7:0> and Reg5<7:0> are the test register for mass production, please ignore them in general use, lest
influence IC normal operation.
14.6 I
2C Address Register (Pointer=06h, Read-Only)
Pointer
Name
Type
7
6
5
4
3
2
1
0
h'06
Reg6
R
I
2C addr<6:1>
addlock
(rv)
Reg6<7:2>:I
2C Address Lines A6 ~ A1.
Reg6<1>: A6 ~ A1 can be setup via programming PROM in the chip. When A0 is 0, it is 100100; when A0 is 1,
A6 ~ A1 ← PROM9<7:2>.
Reg6<7:2>:register stores I
2C address A6 ~ A1 which programmed by PROM9<7:2>, but when A0 is 0, I2C
address A6 ~ A1 is default 100100 and will not be stored in Reg6<7:2>. This should be noticed in use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com