Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5908 Datasheet(PDF) 20 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 20 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 22Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
FS5908
Rev. 1.2
20/22
15.4.3
The register with complete reading data length 2 byte
Stop
by
Master
SCL
SDA
W
Ack
by
FS5908
Address
Byte
Start
by
Master
19
1
9
Pointer
Byte
Ack
by
FS5908
SCL
SDA
R
Ack
by
FS5908
Address
Byte
Repeat
Start by
Master
19
1
9
D15
Data Byte
Ack
by
Master
Data Byte
No
Ack
by
Master
D14 D13 D12 D11 D10 D9 D8
D7 D6D5 D4D3 D2D1 D0
D0
D1
D7
D2
D3
D4
D5
D6
A0
A1
A2
A3
A4
A5
A6
A0
A1
A2
A3
A4
A5
A6
15.5 Register Repeat Reading Process
15.5.1
Repeat reading process includes the following steps
(1)
Write address
(2)
Read data
When read by repeat reading process, the read register is the previous register that appointed by complete
reading, that is, the register that the pointer is setup.
15.5.2
The controlled register with repeat reading data length 1 byte
Stop by
Master
SCL
SDA
R
Ack
by
FS5908
Address
Byte
Start by
Master
19
1
9
D15
Data Byte
Ack
by
Master
Data Byte
No
Ack
by
Master
D14 D13 D12D11 D10 D9 D8
D7 D6 D5 D4 D3 D2 D1 D0
19
A0
A1
A2
A3
A4
A5
A6
When read or write in I2C interface, if SDA signal is forced by FS5908 to logic low standard, it has to only
re-execute reading or writing process to release. (This situation won’t happen in normal timing. It happens only
when the data length read by the user is smaller than the actual length of the register.)
After writing to the register of the chip, it should take reading confirmation to make sure the written commands
not error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com