Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5908 Datasheet(PDF) 21 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 21 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 22Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
FS5908
Rev. 1.2
21/22
16. Package Outline
16.1 SOP8
1.
Note
2.
Package body size exclude mold flash
and gate burrs;
3.
Dimension L is measure in gate plane;
4.
Tolerance
0.10mm
unless
otherwise
specified;
5.
Controlling
dimension
is
millimeter
converted inch dimensions are not
necessarily exact;
6.
Followed from JEDEC MS-012.
Dimensions in
Millimeters
Dimensions in Inches
Symbol
Min
Typ
Max
Min
Typ
Max
A
1.45
1.50
1.55
0.057 0.059
0.061
A1
0.10
—
0.25
0.004 —
0.010
A2
—
1.45
—
—
0.057
—
B
0.33
—
0.51
0.013 —
0.020
C
0.19
—
0.25
0.007 —
0.010
D
4.80
—
5.00
0.189 —
0.197
E
3.80
—
4.00
0.150 —
0.157
E
—
1.27
—
—
0.050
—
H
5.80
—
6.20
0.228 —
0.244
L
0.40
—
1.27
0.016 —
0.050
Y
—
—
0.10
—
—
0.004
θ
0
0
—
8
0
0
0
—
8
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com