Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5908 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
FS5908
Rev. 1.2
13/22
And the temperature accuracy of the chip that influenced by the power is shown as below table:
Pav
Influenced Temp. (Δ )
℃
1mW
0.125
5mW
0.625
10mW
1.125
20mW
1.750
13.3 Standby Mode (shutdown=Reg1<0>)
To setup Shutdown bit of control register will enter the Stand-by Mode. In stand-by mode, the standard current
consumption of FS5908 will be lower than 100uA. In interrupt mode, if ALARM enters stand-by mode in action
status, then the action status of ALARM will be clear, but if it enters stand-by mode when in comparison mode,
ALARM will keep the status of before entering. In stand-by mode, all circuits are close except I2C circuit.
13.4 Power Off (CS)
When set CS to 0, then the chip is close, and the current consumption is lower than 5μA.
When set CS to 1 (voltage is VDD), then the chip is enabled, and all status will be default operations. Please
see below diagram for the description of default status.
Take the chip as Watchdog (independent temperature sensor).
SCL: connect to ground
SDA: floating
CS: connect to VDD
A0:
connect to ground or VDD
Please see the diagram on page 3: Application I
13.5 set_arm_cnt (Reg 1<4:3>)
Inside the chip, every record of measuring temperature will be updated per 1/4 second. When the measuring
temperature reaches the warning temperature, the inner warning counter will increase counting, and only when
the value of the warning counter is equal to the setup times in set_arm_cnt, ALARM pin will send out the
warning signal. During the process, any record of measuring temperature that not reach the warning
temperature will make the system clear the warning counter to be 0 so that the proper setup for set_arm_cnt
can avoid noise or interfere making ALARM to act error.
set_arm_cnt<1:0>
Necessary compare output times to make ALARM output change
00
1 (Default)
01
2
10
4
11
8
13.6 Low Battery Detection (setlowbat=Reg1<7>)
setlowbat
0
1
=1
=1
Rog0<14>=lowbat
@VDD
Ρ2.4V
@VDD
Ρ2.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com