Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5908 Datasheet(PDF) 11 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 11 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 15Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
FS5908
Rev. 1.2
11/22
13. Function Description
13.1 Temperature Measurement
FS5908 measures the environmental temperature around the chip, and updates the temperature value in
digital format via the register. Users can read these updated temperature values at any time through I2C
interface.
13.2 Overheat/Overcool Warning
FS5908 can set up one set of the warning temperatures TUpLim and TLowLim (See below diagram). When the
measured temperature reaches the warning temperature, the ALARM signal will notify microprocessor or
enable directly the cooler fan, heater and so on. The related warning temperature of ALARM is decided by
upper bound register (TUpLim) and lower bound register (TLowLim) that can be changed at any time as
request.
T
UpLim
T
LowLim
ALARM Output Change
According to Temperature
T
★★
★
Temperature
Changing Curve
ALARM (Comparision Mode.
int/cmp is 0; arm_inv is 0)
[Apply to Overheat W arning
Mode]
ALARM (Interrupt Mode,
int/cmp is 1; arm_inv is 0)
[Apply to Overheat or
Overcool W arning Mode]
★★
★
ALARM (Comparision Mode,
int/cmp is 0; arm_inv is 1)
[Apply to Overcool W arning
Mode]
ALARM (Interrupt Mode,
int/cmp is 1; arm_inv is 1)
[Improper Mode]
★
: In interrupt mode, after ALARM pin generates an interrupt signal, ALARM will be reset only when any one
register of FS5908 is read or the system enters the stand-by mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com