Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5908 Datasheet(PDF) 15 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 15 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 19Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
FS5908
Rev. 1.2
15/22
14.1 Temperature Register (Pointer=00h, Read Only)
Pointer Name Type 15
14
13
12
11
10 9
8
7
6
5
4
3
2
1
0
lowbat alarm high low Tdata<10:0>
Set_adc0=0
h’00
Reg0 R
adc_trans
0
0
1
Te<11:0>
Set_adc0=1
When set_adco = 0:
Reg0<15> (adc_trans): When the temperature output value is updated, the bit becomes 1; when the register is
read, the bit is cleared to 0.
Reg0<14> (lowbat):
Low battery warning. When the bit is 1, it means the operating voltage of the chip is
lower than the setting voltage. For the setting method, please refer to “2.2 Control Register Reg1<7>
(setlowbat)”.
Reg0<13> (alarm):
The bit is always comparison mode output. When the temperature value is higher than
(or equal to) the upper bound value, the bit becomes 1, and until the temperature value is lower than (or equal
to) the lower bound value, the bit becomes 0.
Reg0<12> (high): When the temperature value is higher than (or equal to) the upper bound value, the bit is 1,
on the contrary, the bit is 0.
Reg0<11> (low): When the temperature value is lower than (or equal to) the lower bound value, the bit is 1, on
the contrary, the bit is 0.
Reg0<10:0>:
Temperature data. The following table is the meaning that every bit stands for:
10
9
8
7
6
5
4
3
2
1
0
+/-
64
32
16
8
4
2
1
0.5
0.25
0.125
Digit Output Value
Ex: Temperature
Digit
Hexadecimal
+125℃
011-1110-1000
3E8
+25℃
000-1100-1000
0C8
+0.5℃
000-0000-0100
004
0℃
111-1111-1111
7FF
-0.5℃
111-1111-1100
7FC
-25℃
111-0011-1000
738
-125℃
100-0001-1000
418
Note: When the temperature is equal or lower than 0℃, the temperature is expressed by 2’s complement.
When set-adco = 1:
Output is the direct output of digital silicon temperature sensor Te<11:0>.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com