Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5908 Datasheet(PDF) 22 Page - Fortune Semiconductor Corp.

Part # FS5908
Description  Digital Temperature Sensor and Thermal Watchdog with I2C짰 Interface and SMBusTM Format
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS5908 Datasheet(HTML) 22 Page - Fortune Semiconductor Corp.

Back Button FS5908 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS5908 Datasheet HTML 22Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
FS5908
Rev. 1.2
22/22
17. Revision History
Ver.
Date
Page
Description
0.1
2002/4/24
All
Initial Release (Preliminary, Chinese Version)
0.2
2002/10/29
All
Change to English Version
1.0
2004/3/25
All
Change to official 1.0 release
1
Delete SOP8 ordering information
4
ESD Susceptibility: Human Body Model 2000V/Machine Model: 200V
5
Temperature Conversion Time: Typ 105 ms
25
Add SOP8 Package Outline
1.1
2005/10/27
All
Change datasheet format
1
Add Lead Free ordering information
1
Revise Pin5 name from VDDPROM to NC
2
Revise Pin5 Name and Function Description to NC/No Connect
18~24
Delete Chap4/5 Program and Read PROM/Temperature Calibration and
Production
1.2
2006/11/23
All
Change datasheet format (CIS logo)
3
Feature: Delete MSOP package description
3
Delete No connect under Pin Configurations
4
Add Pin5 Function Description: When in the normal operation, it connects to
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com