Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP1 Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS9952_LP1
Description  2,000 counts auto range DMM IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP1 Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS9952_LP1 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
FS9952_LP1
Rev. 2.0
3/31
NOTICE
1.
For the best use of FS9952_LP1, please read this data sheet carefully.
2.
All application schematics in the data sheet and all component specifications in the diagram are
for reference only. The actual application for the schematic forms, component specifications and
parameters depend on the actual situations to ensure that it can reach the requirement of
design.
3.
When use this product to measure the meter, it should be take care of the protection for
over-voltage and over-current on input ends, lest the product and the meter causes damaged
under over-voltage and over-current.
4.
“Auto Power Off” of the product is a sleep status. In sleep status, the system still consumes little
current (less than 1μA). It is better to cut off the power if not use for a long time.
5.
FS9952_LP1 is a high accuracy and multifunctional ADC with microprocessor. When apply the
product, the anti-interfere problem should be considered during the PCB design and
components layout to reduce external and internal interferes and get the best effect.
6.
This version is updated in August 2006. It may take a change for some parameters and
schematics according to the improvement and promotion of the product. If so, it will not be noted
actively. For any question, please contact our company directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com