Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP1 Datasheet(PDF) 20 Page - Fortune Semiconductor Corp.

Part # FS9952_LP1
Description  2,000 counts auto range DMM IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP1 Datasheet(HTML) 20 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP1 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 24Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
FS9952_LP1
Rev. 2.0
20/31
Diagram 8
Voltage of Each Point in Power System
VB is the bias current input point in IC. The increase of R4 will reduce the current consumption in IC, but
the shortage of bias current will affect the input range of AC measurement.
AGND is the analog ground connection. Its potential is equal to the middle point of battery voltage. The
potential of the point is generated in the IC and cannot connect to the middle point of battery.
C4 and C5 are bypath capacitance, and also to make AGND regulated to VDD and VSS. C2 is the power
pump capacitance. IC makes VDD voltage pass C3 to charge/discharge so as to raise VGG to be about double
voltage of VDD.
VDDA is the output voltage after the regulation of VGG in the IC. It is about 3.9V that relative to VSS.
REFO is the bandgap power source in the IC. It is about 1.2V that relative to AGND and has 100ppm/℉
stability.
Oscillation Circuit
U1
35 XOUT
34 XIN
CX1
CX2
FS9952
R1
Diagram 9
Oscillation Circuit
The oscillation of FS9952_LP1 can be quartz, but for the cost reduction, it also can be ceramic.
In the diagram, R1 is the reviser to provide the static working point; CX2 is the fine adjustment of frequency;
CX1 is temperature offset. In less requirements situation, CX1 and CX2 can be unused.
15.5 Mode Switch and Function Control Circuit
R10
180
L1
LED
S6
S5
S4
S3
S2
S11
S10
S9
S8
S7
S1
C5
0.1uF
R6
100k
VDD
27 BLOUT
16 MAXH
18 SELECT
19 RANGE
20 HOLD
26 BLCTR
21 MEA4
22 MEA3
23 MEA2
24 MEA1
25 MEA0
56 RST
FS9952
Diagram 10 Mode Switch and Function Control Circuit
S2〜S6 are mode switches which are the lock switches. For their functions, please refer to 9.1.
S1 and S7〜S11 are function control switches which are the trigger switches. For their functions, please
refer to )Keys Definition) and )Other Functions).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com