Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP1 Datasheet(PDF) 28 Page - Fortune Semiconductor Corp.

Part # FS9952_LP1
Description  2,000 counts auto range DMM IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP1 Datasheet(HTML) 28 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP1 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 31Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
FS9952_LP1
Rev. 2.0
28/31
15.15
Open-Short Test
ONEK
SMV
AGND
_
+
RA
50k
RB
1k
R17
900k
R19
1k
PTC
J8
J6
Rx
VREF
0.4V
FS9952
V/Ohm
COM
Diagram 30
Open-Short Test
When doing the open-short test, the inner of IC will generate 0.4V voltage (relative to AGND) that is output
from R19 and is added to open-short measuring point through PTC. J6 and J8 are mode switches that are
close during doing the open-short test. Rx gets voltage VRx, and enters IC through R17. From the diagram
we know that
Rx=(R19+PTC)/50
So, the resistance value of PTC will influence the upper limit of open-short test resistance. When not
connect to PTC, if R22 is 1kΩ, then the resistance of the buzzer sound is smaller than 30Ω.
15.16
AC Large Current Clamp Meter Measurement Circuit
5 SA
30 AGND
FS9952
RL
VR
R
R29
100k
Diagram 31
AC Large Current Measurement
15.17
Triode hFE Test
10
200k
VDDA
E
C
B
R30
100k
ADP
Diagram 32
PNP-type Triode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com