Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP1 Datasheet(PDF) 21 Page - Fortune Semiconductor Corp.

Part # FS9952_LP1
Description  2,000 counts auto range DMM IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP1 Datasheet(HTML) 21 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP1 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 25Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
FS9952_LP1
Rev. 2.0
21/31
15.6
Base Power Source
REFI
REFO
FS9952
R7
40k
VR2
10k
57
58
R4
20k
Diagram 11 The Utility of Internal Base Power Source
FS9952
1.2V
VGG
REFI
15k
20k
20k
57
Diagram 12 The Utility of External Base Power Source
15.7
Reset Circuit
R6
100k
C5
10nF
S1
RST
VDD
FS9952
56
RST
Diagram 13
Reset Keys



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com