Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP1 Datasheet(PDF) 23 Page - Fortune Semiconductor Corp.

Part # FS9952_LP1
Description  2,000 counts auto range DMM IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP1 Datasheet(HTML) 23 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP1 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 27Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
FS9952_LP1
Rev. 2.0
23/31
10uF
10uF
4.5V
V+
V-
31 VDD
30 AGND
29 VSS
FS9952
Diagram 17
4.5V Power Supply
10uF
10uF
6V
V+
V-
31 VDD
30 AGND
29 VSS
FS9952
Diagram 18
6V Power Supply
1uF
1uF
DC-TO-DC
10uF
4.5~9V
V+
V-
31 VDD
30 AGND
29 VSS
FS9952
Diagram 19
4.5V〜9V Power Supply
1uF
1uF
6V~12V
2V~2.4V
2V~2.4V
31 VDD
30 AGND
29 VSS
FS9952
V-
V+
Diagram 20
6V〜12V Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com