Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP1 Datasheet(PDF) 6 Page - Fortune Semiconductor Corp.

Part # FS9952_LP1
Description  2,000 counts auto range DMM IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP1 Datasheet(HTML) 6 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP1 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 10Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
FS9952_LP1
Rev. 2.0
6/31
4.
Measurable Modes
4.1
DC Voltage: 199.9mV, 1.999V, 19.99V, 199.9V, 1000V.
4.2
AC Voltage: 199.9mV, 1.999V, 19.99V, 199.9V, 1000V.
4.3
DC Current: 199.9μA / 1999μA;19.99mA / 199.9mA;1.999A / 19.999A;199.9A / 1999A.
4.4
AC Current: 199.9μA / 1999μA;19.99mA / 199.9mA;1.999A / 19.999A;199.9A / 1999A.
4.5
Resistance: 199.9Ω,1.999kΩ,19.99kΩ,199.9kΩ,1.999MΩ,19.99MΩ.
4.6
Diode: 0V-1.5 V.
4.7
Short Circuit Test: Sound when lower than 50Ω.
4.8
Triode hFE: 0-1999.
4.9
Temperature Measurement:
or
.
5.
Application Field
5.1
Auto Measurement Palm Digital Multimeter.
5.2
Auto Measurement Card Digital Multimeter.
5.3
Auto Measurement Pen Digital Multimeter.
5.4
Auto Measurement Clinch Meter (Hook Meter, Clamp Meter, etc.).
5.5
Number Panel Meter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com