Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP1 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS9952_LP1
Description  2,000 counts auto range DMM IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP1 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP1 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
FS9952_LP1
Rev. 2.0
13/31
11. Measurement Mode Select
11.1 Measurement Mode Select (Code table of Auto Measurement and Fully Manual Measurement,
MEA0〜MEA4: Not connected is )1); Connect to VSS is )0)):
M
E
A4
M
E
A3
M
E
A
2
M
E
A
1
M
E
A
0
Function
SELECT1 Prior
Function
Range
Hold
Jumper
1
0
1
1
1
1
1
DCV
●
●
J7
1
1
1
1
0
DCV/ACV
ACV/DCV
DCV/ACV
●
●
J7
1
1
1
0
1
Ohm/Diode
/continuity
Ohm/Diode
/continuity
Ohm
●
Ohm
●
J6,J8,J10
1
1
0
1
1
ACV
●
●
J7
1
0
1
1
1
Ohm
●
●
J6,J8,J10
1
1
1
0
0
200μA/2000μA
ACA/DCA
DCA/ACA
●
●
J5,
1
0
0
1
1
20mA/200mA
●
●
J4,
1
1
0
0
1
2A/20A
●
●
1
0
1
1
0
200A/2000A
●
●
1
1
0
1
0
Diode/Continuity
Diode/Continuity
J6,J8,J10
1
0
1
0
1
hFE
●
J2
1
1
0
0
0
Temp.
/
℉ ℉
/
℉ ℉
●
J1,J3,J9
1
0
1
0
0
Refer to Table 9.2
●
1
0
0
1
0
●
1
0
0
0
1
●
0
1
1
1
1
200mv
ACV/DCV
DC/AC
●
J7
0
1
1
1
0
2V
●
J7
0
1
1
0
1
20V
●
J7
0
1
0
1
1
200V
●
J7
0
0
1
1
1
1000V
●
J7
0
1
1
0
0
200Ω
●
J6,J8,J10
0
0
0
1
1
2kΩ
●
J6,J8,J10
0
1
0
0
1
20kΩ
●
J6,J8,J10
0
0
1
1
0
200kΩ
●
J6,J8,J10
0
1
0
1
0
2MΩ
●
J6,J8,J10
0
0
1
0
1
20MΩ
●
J6,J8,J10
Note: In “Jumper” column, JX means the JX of the measurement is connected in the common
use circuitry of Diagram 1.
11.2 Self-defined Symbols and Decimal Location (MEA0〜MEA4: Not connected is )1); Connect to VSS
is )0))
MEA4
MEA3
MEA2
MEA1
MEA0
Range of
Input
Voltage
Input
Chann
el
Decimal
Location
Symbol
Location
Symbol
1
0
1
0
0
2000
COM2,
SEG11
1
0
0
1
0
±200mV
ADP
20.00
COM2,
SEG12
User-D
efined
1
0
0
0
1
200.0
COM1,
SEG12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com