Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS9952_LP1 Datasheet(PDF) 22 Page - Fortune Semiconductor Corp.

Part # FS9952_LP1
Description  2,000 counts auto range DMM IC
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9952_LP1 Datasheet(HTML) 22 Page - Fortune Semiconductor Corp.

Back Button FS9952_LP1 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9952_LP1 Datasheet HTML 26Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
FS9952_LP1
Rev. 2.0
22/31
15.8
Buzzer Driver Circuit
R3
51
BUZZER
R9
10k
BJ1
28 BEEPER
VDD
FS9952
Diagram 14
Low Resistance Buzzer Connection
3k
BUZZER
R9
10k
BJ1
28 BEEPER
FS9952
VDD
Diagram 15
High Resistance Buzzer Connection
15.9
Power Supply Circuit
The different applications of users make different power supply methods. In some measurements, the
sensor requires higher voltage such as OPAMP, Hale components and so on that it is difficult to supply the
power by 3V, then you can take some power supply methods as below
.
10uF
10uF
3V
31 VDD
30 AGND
29 VSS
FS9952
Diagram 16
3V Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com