Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5301F Datasheet(PDF) 2 Page - Excelliance MOS Corp.

Part # EM5301F
Description  12V Synchronous Buck PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5301F Datasheet(HTML) 2 Page - Excelliance MOS Corp.

  EM5301F Datasheet HTML 1Page - Excelliance MOS Corp. EM5301F Datasheet HTML 2Page - Excelliance MOS Corp. EM5301F Datasheet HTML 3Page - Excelliance MOS Corp. EM5301F Datasheet HTML 4Page - Excelliance MOS Corp. EM5301F Datasheet HTML 5Page - Excelliance MOS Corp. EM5301F Datasheet HTML 6Page - Excelliance MOS Corp. EM5301F Datasheet HTML 7Page - Excelliance MOS Corp. EM5301F Datasheet HTML 8Page - Excelliance MOS Corp. EM5301F Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2013/5/2
Rev.A.1
2
EM5301F/G
Pin Assignment
Pin Name Pin No.
Pin Function
BOOT
1
Bootstrap Supply for the floating upper gate driver. Connect the bootstrap
capacitor C BOOT between BOOT pin and the PHASE pin to form a bootstrap circuit.
The bootstrap capacitor provides the charge to turn on the upper MOSFET. Typical
values for C BOOT range from 0.1uF to 0.47uF. Ensure that C BOOT is placed near the
IC.
UGATE
2
Upper Gate Driver Output. Connect this pin to the gate of upper MOSFET. This pin
is monitored by the adaptive shoot-through protection circuitry to determine when
the upper MOSFET has turned off.
GND
3
Signal and Power Ground for the IC. All voltages levels are measured with respect
to this pin. Tie this pin to the ground island/plane through the lowest impedance
connection available.
LGATE
4
Lower Gate Driver Output. Connect this pin to the gate of lower MOSFET. This pin
is monitored by the adaptive shoot-through protection circuitry to determine when
the lower MOSFET has turned off.
VCC
5
Supply Voltage. This pin provides the bias supply for the EM5301F/G and the lower
gate driver. The supply voltage is internally regulated to 5VDD for internal control
circuit. Connect a well-decoupled 10V to 13.2V supply voltage to this pin. Ensure
that a decoupling capacitor is placed near the IC.
FB
6
Feedback Voltage. This pin is the inverting input to the error amplifier. A resistor
divider from the output to GND is used to set the regulation voltage.
COMP/
SD
7
Error Amplifier Output. This pin is the output of error amplifier and the
non-inverting input of the PWM comparator. Use this pin in combination with the
FB pin to compensate the voltage control feedback loop of the converter. Pulling
this pin lower than 0.2V disables the controller and causes the oscillator to stop,
the UGATE and LGATE outputs to be held low.
PHASE
8
PHASE Switch Node. Connect this pin to the source of the upper MOSFET and the
drain of the lower MOSFET. This pin is used as the sink for the UGATE driver, and to
monitor the voltage drop across the lower MOSFET for over current protection.
This pin is also monitored by the adaptive shoot-through protection circuitry to
determine when the upper MOSFET has turned off. A Schottky diode between this
pin and ground is recommended to reduce negative transient voltage which is
common in a power supply system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com