Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5301F Datasheet(PDF) 6 Page - Excelliance MOS Corp.

Part # EM5301F
Description  12V Synchronous Buck PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5301F Datasheet(HTML) 6 Page - Excelliance MOS Corp.

Back Button EM5301F Datasheet HTML 2Page - Excelliance MOS Corp. EM5301F Datasheet HTML 3Page - Excelliance MOS Corp. EM5301F Datasheet HTML 4Page - Excelliance MOS Corp. EM5301F Datasheet HTML 5Page - Excelliance MOS Corp. EM5301F Datasheet HTML 6Page - Excelliance MOS Corp. EM5301F Datasheet HTML 7Page - Excelliance MOS Corp. EM5301F Datasheet HTML 8Page - Excelliance MOS Corp. EM5301F Datasheet HTML 9Page - Excelliance MOS Corp. EM5301F Datasheet HTML 10Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2013/5/2
Rev.A.1
6
EM5301F/G
Typical Operating Characteristics
Power On from VIN
Power Off from VIN
VIN=12V,VCC=12V,No Load.
VIN=12V,VCC=12V,No Load.
Power On from COMP/SD
Power Off from COMP/SD
VIN=12V,VCC=12V,No Load.
VIN=12V,VCC=12V,No Load.
Load Transient Response
Load Transient Response
VIN=12V,VCC=12V,COUT=1360uF,L=1.2uH
IOUT=0A to 15A.
VIN=12V,VCC=12V,COUT=1360uF,L=1.2uH
IOUT=15A to 0A.
VOUT
VIN
VCC
UGATE
VOUT
VIN
VCC
UGATE
VOUT
COMP/SD
LGATE
UGATE
VOUT
COMP/SD
LGATE
UGATE
VOUT
UGATE
Iout
VOUT
UGATE
Iout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com