Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5301F Datasheet(PDF) 5 Page - Excelliance MOS Corp.

Part # EM5301F
Description  12V Synchronous Buck PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5301F Datasheet(HTML) 5 Page - Excelliance MOS Corp.

  EM5301F Datasheet HTML 1Page - Excelliance MOS Corp. EM5301F Datasheet HTML 2Page - Excelliance MOS Corp. EM5301F Datasheet HTML 3Page - Excelliance MOS Corp. EM5301F Datasheet HTML 4Page - Excelliance MOS Corp. EM5301F Datasheet HTML 5Page - Excelliance MOS Corp. EM5301F Datasheet HTML 6Page - Excelliance MOS Corp. EM5301F Datasheet HTML 7Page - Excelliance MOS Corp. EM5301F Datasheet HTML 8Page - Excelliance MOS Corp. EM5301F Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
2013/5/2
Rev.A.1
5
EM5301F/G
Open Loop DC Gain
AO
88
dB
Gain-Bandwidth Product
GBW
15
MHz
Maximum Duty
DMAX
80
%
PWM Controller Gate Drivers
Upper Gate Sourcing Current
IUG_SRC
VBOOT - VPHASE = 12V,
VBOOT - VUGATE = 6V
-1.2
A
Upper Gate Sinking Current
IUG_SNK
VBOOT - VPHASE = 12V,
VUGATE – VPHASE = 6V
1.5
A
Upper Gate RDS(ON) Sinking
RUG_SNK
VBOOT - VPHASE = 12V,
VUGATE – VPHASE = 0.1V
2
4
Ω
Lower Gate Sourcing Current
ILG_SRC
VCC – VLGATE = 6V
-1.2
A
Lower Gate Sinking Current
ILG_SNK
VLGATE = 6V
1.5
A
Lower Gate RDS(ON) Sinking
RLG_SNK
VLGATE = 0.1V
1
2
Ω
PHASE Falling to LGATE Rising
Delay
VCC = 12V; (VUGATE - VPHASE)< 1.2V to
VLGATE > 1.2V
30
90
ns
LGATE Falling to UGATE Rising
Delay
VCC = 12V; VLGATE < 1.2V to (VUGATE -
VPHASE) > 1.2V
30
90
ns
Reference Voltage
Nominal Feedback Voltage
VFB
0.792
0.8
0.808
V
Protection section
FB Under Voltage Protection
VFB_UVP
FB falling
68
75
82
%
FB Over Voltage Protection
VFB_OVP
FB rising
115
130
145
%
LGATE OC Setting Current
IOCSET
22
25
28
uA
Over Current Threshold1
VPHA_OC1
RLGATE=8Kohm
-400
mV
Soft-Start Interval
TSS
3.6
ms
COMP Enable Threshold
VCOMP/EN
0.2
V
Temperature Shutdown
TSD
165
Note 1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended
periods may remain possibility to affect device reliability.
Note 2.
θ
JA PSOP-8 packages is 52°C /W on JEDEC 51-7 (4 layers,2S2P) thermal test board with 50mm
2
copper area.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com