Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5301F Datasheet(PDF) 4 Page - Excelliance MOS Corp.

Part # EM5301F
Description  12V Synchronous Buck PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5301F Datasheet(HTML) 4 Page - Excelliance MOS Corp.

  EM5301F Datasheet HTML 1Page - Excelliance MOS Corp. EM5301F Datasheet HTML 2Page - Excelliance MOS Corp. EM5301F Datasheet HTML 3Page - Excelliance MOS Corp. EM5301F Datasheet HTML 4Page - Excelliance MOS Corp. EM5301F Datasheet HTML 5Page - Excelliance MOS Corp. EM5301F Datasheet HTML 6Page - Excelliance MOS Corp. EM5301F Datasheet HTML 7Page - Excelliance MOS Corp. EM5301F Datasheet HTML 8Page - Excelliance MOS Corp. EM5301F Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2013/5/2
Rev.A.1
4
EM5301F/G
Absolute Maximum Ratings (Note 1)
Supply voltage, VCC-----------------------------------------------------------
-0.3V to 16V
PHASE to GND
DC--------------------------------------------------------------------------------
-5V to 16V
<200nS--------------------------------------------------------------------------
-10V to 32V
BOOT to PHASE----------------------------------------------------------------
16V
BOOT to GND
DC--------------------------------------------------------------------------------
-0.3V to PHASE+16V
<200nS--------------------------------------------------------------------------
-0.3V to 42V
UGATE
DC --------------------------------------------------------------------------------
VPHASE -0.3V to VBOOT + 0.3V
<200ns---------------------------------------------------------------------------
VPHASE -5V to VBOOT +5V
LGATE
DC---------------------------------------------------------------------------------
-0.3V to VCC + 0.3V
<200ns---------------------------------------------------------------------------
-5V to VCC+5V
COMP/SD & FB-----------------------------------------------------------------
-0.3V to 6V
Power Dissipation, PD @ TA = 25°C, PSOP-8 ---------------------------
1.33W
Package Thermal Resistance, ΘJA, PSOP-8 (Note 2)-------------------
75°C/W
Junction Temperature--------------------------------------------------------
150°C
Lead Temperature (Soldering, 10 sec.)-----------------------------------
260°C
Storage Temperature Range------------------------------------------------
-65°C to 150°C
ESD susceptibility (Note3)
HBM (Human Body Mode)-------------------------------------------------
2KV
MM (Machine Mode)--------------------------------------------------------
200V
Recommended Operating Conditions (Note4)
Supply Voltage, VCC
----------------------------------------------------------
10V to 13.2V
Junction Temperature
------------------------------------------------------
-40°C to 125°C
Ambient Temperature
------------------------------------------------------
-40°C to 85°C
Electrical Characteristics
VCC=12V, TA=25℃, unless otherwise specified
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Input Section
Supply Voltage
VCC
10
13.2
V
Supply Current
ICC
LGATE, UGATE open, Switching.
2.5
mA
Quiescent Supply Current
ICCQ
No Switching.
2
mA
Power on Reset Threshold
VCCRTH
8.8
V
Power on Reset Hysteresis
VCCHYS
0.8
V
Internal Oscillator
Free Running Frequency
fOSC
EM5301F
130
160
190
kHz
EM5301G
170
200
235
kHz
Ramp Amplitude
△VOSC
1.5
Vp-p
Error Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com