Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM5301F Datasheet(PDF) 1 Page - Excelliance MOS Corp.

Part # EM5301F
Description  12V Synchronous Buck PWM Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELLIANCE [Excelliance MOS Corp.]
Direct Link  http://www.excelliancemos.com/
Logo EXCELLIANCE - Excelliance MOS Corp.

EM5301F Datasheet(HTML) 1 Page - Excelliance MOS Corp.

  EM5301F Datasheet HTML 1Page - Excelliance MOS Corp. EM5301F Datasheet HTML 2Page - Excelliance MOS Corp. EM5301F Datasheet HTML 3Page - Excelliance MOS Corp. EM5301F Datasheet HTML 4Page - Excelliance MOS Corp. EM5301F Datasheet HTML 5Page - Excelliance MOS Corp. EM5301F Datasheet HTML 6Page - Excelliance MOS Corp. EM5301F Datasheet HTML 7Page - Excelliance MOS Corp. EM5301F Datasheet HTML 8Page - Excelliance MOS Corp. EM5301F Datasheet HTML 9Page - Excelliance MOS Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2013/5/2
Rev.A.1
1
EM5301F/G
12V Synchronous Buck PWM Controller
General Description
EM5301F/G is a synchronous rectified PWM
controller operating with 12V supply voltage. This
device operates at 160/200 kHz and provides an
optimal level of integration to reduce size and cost
of the power supply.
This part includes internal soft start, over
current protection, under voltage protection, over
voltage protection, and shutdown function. This
part is available in PSOP-8 package.
Ordering Information
Part Number
Package
Frequency
EM5301FGE
PSOP-8
160kHz
EM5301GGE
PSOP-8
200kHz
Features
Operate from 12V Voltage Supply
0.8V VREF with 1.0% Accuracy
Voltage Mode PWM Control
160kHz
or
200kHz
Fixed
Frequency
Oscillator
0% to 80% Duty Cycle
Internal Soft Start
Over Current Protection
Integrated Bootstrap Diode
Adaptive Non-Overlapping Gate Driver
Under Voltage Protection
Over Voltage Protection
Applications
Notebook & Netbook
Graphic Cards & MB
Low Voltage Logic Supplies
Pin Configuration
Typical Application Circuit
EM5301


Similar Part No. - EM5301F

ManufacturerPart #DatasheetDescription
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5301AGE EXCELLIANCE-EM5301AGE Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5301BGE EXCELLIANCE-EM5301BGE Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5301CGE EXCELLIANCE-EM5301CGE Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5301DGE EXCELLIANCE-EM5301DGE Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
More results

Similar Description - EM5301F

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9214 RICHTEK-RT9214 Datasheet
345Kb / 17P
5V/12V Synchronous Buck PWM DC-DC Controller
logo
Eutech Microelectronics...
EUP6514 EUTECH-EUP6514 Datasheet
379Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101 Datasheet
152Kb / 6P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Cystech Electonics Corp...
EM5303QP CYSTEKEC-EM5303QP Datasheet
507Kb / 12P
5V/12V Synchronous Buck PWM Controller
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
12V High Efficiency Synchronous Buck PWM Controller
logo
Unisonic Technologies
USR1101 UTC-USR1101_15 Datasheet
170Kb / 5P
5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
logo
Richtek Technology Corp...
RT8105 RICHTEK-RT8105 Datasheet
216Kb / 12P
5V/12V Synchronous Buck PWM DC/DC Controller
logo
Excelliance MOS Corp.
EM5301 EXCELLIANCE-EM5301 Datasheet
496Kb / 13P
5V/12V Synchronous Buck PWM Controller
EM5303 EXCELLIANCE-EM5303 Datasheet
387Kb / 11P
5V/12V Synchronous Buck PWM Controller
EM5305 EXCELLIANCE-EM5305 Datasheet
556Kb / 12P
12V Synchronous Buck controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com